| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2148GN bảng dữ liệu(PDF) 21 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2148GN bảng dữ liệu(HTML) 21 Page - Dallas Semiconductor |
|
21 / 75 page ![]() DS2148/Q48 21 of 75 PARALLEL PORT MODE PINOUT (BIS1 = 0, BIS0 = 1 or 0) Figure 4-1 SERIAL PORT MODE PINOUT (BIS1 = 1, BIS0 = 0) Figure 4-2 1 CS* 2 NA 3 NA 4 NA 5 SCLK 6 SDI 7 SDO 8 ICES 9 OCES 10 NA 11 NA BIS1 33 BIS0 32 BPCLK 31 MCLK 30 HRST* 29 RRING 28 RTIP 27 TEST 26 RCL/LOTC 25 PBEO 24 INT* 23 DS2148 Serial Port Operation (Note: tie all NA pins low) tie high tie low 1 CS* 2 RD (DS) 3 WR* (R/W*) 4 ALE (AS) 5 NA 6 NA 7 A4 8 A3 9 A2 10 A1 11 A0 BIS1 33 BIS0 32 BPCLK 31 MCLK 30 HRST* 29 RRING 28 RTIP 27 TEST 26 RCL/LOTC 25 PBEO 24 INT* 23 DS2148 Parallel Port Operation (Note: tie all NA pins low) tie low tie low (MUX) or high (non-MUX) |