| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DMV1500HFD bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
DMV1500HFD bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() DMV1500H 5/8 Figure 11: Peak reverse recovery current versus dIF/dt (modulation diode) Figure 12: Transient peak forward voltage versus dIF/dt (damper diode) Figure 13: Transient peak forward voltage versus dIF/dt (modulation diode) Figure 14: Forward recovery time versus dIF/dt (damper diode) Figure 15: Forward recovery time versus dIF/dt (modulation diode) Figure 16: Relative variation of dynamic parameters versus junction temperature 0.0 1.0 2.0 3.0 4.0 5.0 6.0 1 10 100 1000 I (A) RM dI /dt(A/µs) F I= T =125°C 90% confidence F j IP 0 5 10 15 20 25 30 35 40 0 20 40 60 80 100 120 140 V (V) FP dI /dt(A/µs) F I= T =125°C 90% confidence F j IP 0 1 2 3 4 5 6 7 8 9 10 11 12 0 20 40 60 80 100 120 140 160 180 200 V (V) FP dI /dt(A/µs) F I= T =125°C 90% confidence F j IP t (ns) fr 300 350 400 450 500 550 600 650 700 750 800 0 20 40 60 80 100 120 140 I= T =125°C V 90% confidence F j I =3V P FR dI /dt(A/µs) F 0 25 50 75 100 125 150 175 200 0 20 40 60 80 100 120 140 160 180 200 t (ns) fr I= T =125°C V 90% confidence F j I =2V P FR dI /dt(A/µs) F 0.0 0.2 0.4 0.6 0.8 1.0 1.2 25 50 75 100 125 QRR T (°C) j VFP IRM I, V , Q [T ]/ RM FP RR j I , V , Q [T =125°C] RM FP RR j |