| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP5088 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
TP5088 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLH5004 October 1991 TP5088 DTMF Generator for Binary Data General Description This CMOS device provides low cost tone-dialing capability in microprocessor-controlled telephone applications 4-bit binary data is decoded directly without the need for conver- sion to simulated keyboard inputs required by standard DTMF generators With the TONE ENABLE input low the oscillator is inhibited and the device is in a low power idle mode On the low-to-high transition of TONE ENABLE data is latched into the device and the selected tone pair from the standard DTMF frequencies is generated An open-drain N-channel transistor provides a MUTE output during tone generation Features Y Direct microprocessor interface Y Binary data inputs with latches Y Generates 16 standard tone pairs Y On-chip 3579545 MHz crystal-controlled oscillator Y Better than 064% frequency accuracy Y High group pre-emphasis Y Low harmonic distortion Y MUTE output interfaces to speech network Y Low power idle mode Y 35V – 8V operation Block Diagram TLH5004 – 1 Crystal Specification Parallel Resonant 3579545 MHz RS s 150X L e 100 mH C0 e 5 pF C1 e 002 pF C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Số phần tương tự - TP5088 |
|
Mô tả tương tự - TP5088 |