công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAS-BC3WK bảng dữ liệu(PDF) 2 Page - Abracon Corporation

tên linh kiện PAS-BC3WK
Giải thích chi tiết về linh kiện  The majority of electronic designs have some form of timing associated with them
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABRACON [Abracon Corporation]
Trang chủ  https://abracon.com
Logo ABRACON - Abracon Corporation

PAS-BC3WK bảng dữ liệu(HTML) 2 Page - Abracon Corporation

  PAS-BC3WK Datasheet HTML 1Page - Abracon Corporation PAS-BC3WK Datasheet HTML 2Page - Abracon Corporation PAS-BC3WK Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
| |
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 03.12.12
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
PAS-BC3WK
PIERCE ANALYZER SYSTEM (PAS)
ADVANCED BOARD CHARACTERIZATION SERVICE
Historically, design engineers have optimized their circuit performance via trial & error, at the expense of significant
investment in time. Further, to properly determine the oscillator loop dynamics, there is no other choice but to break the
oscillator loop and make key measurements using specialized equipment such as a Current Probe.
Lastly, these measurements become increasingly sensitive if the timing loop is driven by a Tuning Fork (32.768kHz)
crystal. These crystals are extremely sensitive to loading effects and to accurately determine the in-circuit behavior of these
components, extreme care and accuracy is essential.
For instance, Automotive, Medical and Consumer Electronics solutions typically utilize Tuning Fork Crystals for their
Real-Time-Clocking (RTC) needs. If the selected SOC has inadequate gain margin, there is a high probability that some
percentage of these Crystals will not properly start under adverse conditions, such as low operating temperature.
Another example would be a Zigbee based design which has a hard boundary condition of ±40 ppm relative to the carrier,
for proper operation. If the oscillator loop is not optimized, most of the ±40 ppm can be consumed by tolerance alone;
thereby causing significant fall out in the field.
In summary, a typical product launch requires significant investment of capital and design resources. Making a very
modest investment in characterizing the timing loop is a must have to protect this investment, as well as mitigate risk of
field failures or warranty re-calls.
To overcome these barriers and provide an accurate assessment of the oscillator loop dynamics; Abracon’s Advanced
Engineering Team has developed a Proprietary Pierce Analyzer System (PAS); which is designed to analyze both the stand
alone crystal, as well as the performance of that particular crystal in customer’s circuit.
SOLUTION:



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com