công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9FG830AFILF bảng dữ liệu(PDF) 15 Page - Integrated Device Technology

tên linh kiện 9FG830AFILF
Giải thích chi tiết về linh kiện  Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG830AFILF bảng dữ liệu(HTML) 15 Page - Integrated Device Technology

Back Button 9FG830AFILF Datasheet HTML 11Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 12Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 13Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 14Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 15Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 16Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 17Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 18Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
IDT®
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
1680E—04/04/17
9FG830
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
15
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
SMBus Table: M/N Programming Enable
Pin #
Name
Control Function
Type0
1
Default
Bit 7
M/N_EN
PLL M/N Programming
Enable
RW
Disable
Enable
0
Bit 6
OE_Polarity
Select Polarity of OE
inputs
RW
OE#
OE
1
Bit 5
REFOUT_En
Enables/Disables REF
RW
Disable
Enable
1
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBus Table: PLL Frequency Control Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
PLL N Div8
N Divider Prog bit 8
RW
X
Bit 6
PLL N Div9
N Divider Prog bit 9
RW
X
Bit 5
PLL M Div5
RW
X
Bit 4
PLL M Div4
RW
X
Bit 3
PLL M Div3
RW
X
Bit 2
PLL M Div2
RW
X
Bit 1
PLL M Div1
RW
X
Bit 0
PLL M Div0
RW
X
Byte 10
-
The decimal
representation of M and
N Divider in Byte 11 and
12 will configure the PLL
VCO frequency.
Default at power up =
latch-in or Byte 0 Rom
table. VCO Frequency
= fXTAL x [NDiv(9:0)+8]
/ [MDiv(5:0)+2]
-
-
M Divider Programming
bit (5:0)
-
-
-
-
-
5
Reserved
Byte 9
-
-
Reserved
Reserved
Reserved
Reserved
Byte 7
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Byte 8
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com