| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEV-13727 bảng dữ liệu(PDF) 2 Page - SparkFun Electronics |
|
|
|||||||||||||||||||||||||||||
DEV-13727 bảng dữ liệu(HTML) 2 Page - SparkFun Electronics |
|
2 / 5 page ![]() Battery Block Functional Diagram TOP • USB Micro B - Provides power to the stack and the ability to recharge the battery • Power Switch - Removes all power from the stack other power supplies may still power the stack • Power LED - Illuminated when power is available on VSYS line; This may illuminate if another block supplies power • Power LED Jumper - If power consumption is an issue, cut the jumper to disable LED • Charge LED - LED is illuminated while charging; LED is off if no charge power is present or charge is complete • Expansion Header - The 70-pin Expansion header breaks out the functionality of the Intel Edison. This header also passes signals and power throughout the stack. These function much like an Arduino Shield. Using the Battery Block The Battery Block is very simple to use. You can mount the Edison module securely using our Hardware Pack. Note: It may be necessary to gently remove the battery to allow clearance for screws. It’s only necessary to do this if the Battery Block is the only Block in a stack. Battery Block Installed We have a nice Hardware Pack available that gives enough hardware to secure three blocks and an Edison. Page 2 of 5 |