công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEV-13674 bảng dữ liệu(PDF) 7 Page - SparkFun Electronics

tên linh kiện DEV-13674
Giải thích chi tiết về linh kiện  Photon Weather Shield Hookup Guide V11
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPARKFUN [SparkFun Electronics]
Trang chủ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13674 bảng dữ liệu(HTML) 7 Page - SparkFun Electronics

Back Button DEV-13674 Datasheet HTML 3Page - SparkFun Electronics DEV-13674 Datasheet HTML 4Page - SparkFun Electronics DEV-13674 Datasheet HTML 5Page - SparkFun Electronics DEV-13674 Datasheet HTML 6Page - SparkFun Electronics DEV-13674 Datasheet HTML 7Page - SparkFun Electronics DEV-13674 Datasheet HTML 8Page - SparkFun Electronics DEV-13674 Datasheet HTML 9Page - SparkFun Electronics DEV-13674 Datasheet HTML 10Page - SparkFun Electronics DEV-13674 Datasheet HTML 11Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
There are two versions of the Weather Shield, one containing the HTU21D
and one containing the Si7021-A10. The HTU21D can be found on older
versions of the Photon Weather Shield, while the Si7021 can be found on
the latest version of the shield, V11.
The Si7021 is functionally identical to the HTU21D, and they both share the
same register addresses and command codes. To make it easier on the
user, the Photon Weather Shield library automatically detects which sensor
is present on your board without needing a separate library. More on that
later.
MPL3115A2 Barometric Pressure Sensor
The MPL3115A2 is a MEMS pressure sensor that provides Altitude data to
within 30cm. The sensor outputs are digitized by a high-resolution 24-bit
ADC and transmitted over I C. Pressure output can be resolved with output
in fractions of a Pascal, and Altitude can be resolved in fractions of a meter.
It provides 12-bit temperature measurements in degrees Celsius. This
sensor also communicates over I C and comes connected to the Photon’s
I C bus by default.
Optional Peripherals
Soil Moisture Sensor
For those who want to keep track of their houseplant conditions or for those
who want to know topsoil conditions in their gardens, the weather shield
has an optional port for a Soil Moisture Sensor.
2
2
2
Page 7 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15