công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEV-13044 bảng dữ liệu(PDF) 4 Page - SparkFun Electronics

tên linh kiện DEV-13044
Giải thích chi tiết về linh kiện  Blocks for Intel짰 Edison - Pi Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPARKFUN [SparkFun Electronics]
Trang chủ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13044 bảng dữ liệu(HTML) 4 Page - SparkFun Electronics

  DEV-13044 Datasheet HTML 1Page - SparkFun Electronics DEV-13044 Datasheet HTML 2Page - SparkFun Electronics DEV-13044 Datasheet HTML 3Page - SparkFun Electronics DEV-13044 Datasheet HTML 4Page - SparkFun Electronics DEV-13044 Datasheet HTML 5Page - SparkFun Electronics DEV-13044 Datasheet HTML 6Page - SparkFun Electronics DEV-13044 Datasheet HTML 7Page - SparkFun Electronics DEV-13044 Datasheet HTML 8Page - SparkFun Electronics DEV-13044 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Or put headers on the back side of Pi Block
Using the Pi Block as an output device
If you want to use the Pi Block to control high power LEDs or relays, an
external transistor or MOSFET will be required. It is possible to illuminate a
small LED directly from the level shifter. It may not be as bright since the
current output of the TXB0108 level converter is very low (~5ma).
Connection Diagram for Load (LED, Motor, or Relay)
In the terminal, we will demonstrate how to activate and use a GPIO pin as
an output.
First navigate to the GPIO directory on the Edison.
cd /sys/class/gpio
Select the GPIO pin to enable. In this case, we used GPIO 14, which is
labeled “GP14” on the Pi Block.
echo 14 > export
Navigate to the newly created GPIO directory.
cd gpio14
If you type “ls”, you should see a bunch of variables.
Page 4 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11