công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEV-13036 bảng dữ liệu(PDF) 14 Page - SparkFun Electronics

tên linh kiện DEV-13036
Giải thích chi tiết về linh kiện  SparkFun Blocks for Intel짰 Edison - Arduino Block
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPARKFUN [SparkFun Electronics]
Trang chủ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13036 bảng dữ liệu(HTML) 14 Page - SparkFun Electronics

Back Button DEV-13036 Datasheet HTML 6Page - SparkFun Electronics DEV-13036 Datasheet HTML 7Page - SparkFun Electronics DEV-13036 Datasheet HTML 8Page - SparkFun Electronics DEV-13036 Datasheet HTML 9Page - SparkFun Electronics DEV-13036 Datasheet HTML 10Page - SparkFun Electronics DEV-13036 Datasheet HTML 11Page - SparkFun Electronics DEV-13036 Datasheet HTML 12Page - SparkFun Electronics DEV-13036 Datasheet HTML 13Page - SparkFun Electronics DEV-13036 Datasheet HTML 14Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
• firmata_analogRead([pin]) – Read in the value of an anlog pin.
This function will return a value between 0 and 1023. The pins should
be set as MODE_ANALOG before being read.
• firmata_digitalWrite([pin], [value]) – Write a digital pin either
HIGH or LOW. The pin should be set as MODE_OUTPUT before calling
the function.
• firmata_analogWrite([pin], [value]) – Write an analog-output
pin to a value between 0 and 255. The pin must be PWM-capable –
that means either pin 3, 5, 6, 9, 10, or 11. And it should be configured
as a MODE_PWM before hand.
• firmata_servoWrite([pin], [value]) –Set a pin to output a servo
signal. The value here is an angle between 0 and whatever the high-
end angle of your servo is. Remember to set the pin to MODE_SERVO
before calling this function!
Don’t feel like you have to user Firmata when using the Arduino block with
your Edison. It’s a great place to start, though, if you’re looking for a simple
communication protocol over the serial interface.
Resources and Going Further
Now that you have had a brief overview of the Arduino Block, take a look at
some of these other tutorials. These tutorials cover programming, Block
stacking, and interfacing with the Intel Edison ecosystems.
Edison General Topics:
• General Guide to Sparkfun Blocks for Intel Edison
• Edison Getting Started Guide
• Loading Debian (Ubilinix) on the Edison
Check out these other Edison related tutorials from SparkFun:
SparkFun Blocks for Intel®
Edison - UART Block
A quick overview of the features of
the UART Block.
SparkFun Blocks for Intel®
Edison - microSD Block
A quick overview of the features of
the microSD Block.
Edison Getting Started
Guide
An introduction to the Intel® Edison.
Then a quick walk through on
interacting with the console,
connecting to WiFi, and doing...stuff.
SparkFun Blocks for Intel®
Edison - Console Block
A quick overview of the features of
the Console Block.
Page 14 of 14
10/12/2015
https://learn.sparkfun.com/tutorials/sparkfun-blocks-for-intel-edison---arduino-block?_ga...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14