| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB1211 bảng dữ liệu(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1211 bảng dữ liệu(HTML) 55 Page - Texas Instruments |
|
55 / 80 page ![]() TUSB1211 www.ti.com SLLSE80B – MARCH 2011 – REVISED JUNE 2015 5.4.27 POWER_CONTROL_SET ADDRESS OFFSET 0x3E PHYSICAL ADDRESS 0x3E INSTANCE USB_SCUSB DESCRIPTION This register doesn't physically exist. It is the same as the POWER_CONTROL register with read/set- only property (write '1' to set a particular bit, a write '0' has no-action). TYPE RW WRITE LATENCY 7 6 5 4 3 2 1 0 HWDETECT DP_VSRC_EN VDAT_DET DP_WKPU_EN BVALID_FALL BVALID_RISE DET_COMP SW_CONTROL BITS FIELD NAME DESCRIPTION TYPE RESET 7 HWDETECT RW 0 6 DP_VSRC_EN RW 0 5 VDAT_DET R 0 4 DP_WKPU_EN RW 0 3 BVALID_FALL RW 0 2 BVALID_RISE RW 0 1 DET_COMP R 0 0 SW_CONTROL RW 0 5.4.28 POWER_CONTROL_CLR ADDRESS OFFSET 0x3F PHYSICAL ADDRESS 0x3F INSTANCE USB_SCUSB DESCRIPTION This register doesn't physically exist. It is the same as the POWER_CONTROL register with read/set- only property (write '1' to set a particular bit, a write '0' has no-action). TYPE RW WRITE LATENCY 7 6 5 4 3 2 1 0 HWDETECT DP_VSRC_EN VDAT_DET DP_WKPU_EN BVALID_FALL BVALID_RISE DET_COMP SW_CONTROL BITS FIELD NAME DESCRIPTION TYPE RESET 7 HWDETECT RW 0 6 DP_VSRC_EN RW 0 5 VDAT_DET R 0 4 DP_WKPU_EN RW 0 3 BVALID_FALL RW 0 2 BVALID_RISE RW 0 1 DET_COMP R 0 0 SW_CONTROL RW 0 Copyright © 2011–2015, Texas Instruments Incorporated Detailed Description 55 Submit Documentation Feedback Product Folder Links: TUSB1211 |