công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP3071N bảng dữ liệu(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện TP3071N
Giải thích chi tiết về linh kiện  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3071N bảng dữ liệu(HTML) 14 Page - National Semiconductor (TI)

Back Button TP3071N Datasheet HTML 10Page - National Semiconductor (TI) TP3071N Datasheet HTML 11Page - National Semiconductor (TI) TP3071N Datasheet HTML 12Page - National Semiconductor (TI) TP3071N Datasheet HTML 13Page - National Semiconductor (TI) TP3071N Datasheet HTML 14Page - National Semiconductor (TI) TP3071N Datasheet HTML 15Page - National Semiconductor (TI) TP3071N Datasheet HTML 16Page - National Semiconductor (TI) TP3071N Datasheet HTML 17Page - National Semiconductor (TI) TP3071N Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Timing Specifications (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%;VBB = −5V ±5%;TA = 0˚C to
+70˚C (−40˚C to +85˚C for TP3070-X) by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by
correlation with other production tests and/or product design and characterization. All signals referenced to GND. Typicals
specified at V
CC = +5V, VBB = −5V, TA = 25˚C.
All timing parameters are measured at V
OH = 2.0V and VOL = 0.7V.
See Definitions and Timing Conventions section for test methods information.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SERIAL CONTROL PORT TIMING
t
DSD
Delay Time, CS Low
Applies Only if Separate
80
ns
to CO (CI/O) Valid
CS used for Byte 2
−40˚C to +85˚C (TP3070-X)
100
ns
t
DDZ
Delay Time, CS or 9th CCLK
High to CO (CI/O) High
Impedance
Applies to Earlier of CS High or 9th
CCLK High
15
80
ns
INTERFACE LATCH TIMING
t
SLC
Setup Time, IL to
Interface Latch Inputs Only
100
ns
CCLK 8 of Byte 1
t
HCL
Hold Time, IL Valid from
50
ns
8th CCLK Low (Byte 1)
t
DCL
Delay Time CCLK 8 of
Interface Latch Outputs Only
200
ns
Byte2toIL
C
L = 50 pF
MASTER RESET PIN
t
WMR
Duration of
1
µs
Master Reset High
Note 11: Applies only to MCLK Frequencies
≥ 1.536 MHz. At 512 kHz a 50:50 ±2% Duty Cycle must be used.
Timing Diagrams
DS008635-8
FIGURE 4. Non Delayed Data Timing Mode
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26