| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF4213BCP bảng dữ liệu(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4213BCP bảng dữ liệu(HTML) 15 Page - Analog Devices |
|
15 / 20 page ![]() REV. A ADF4210/ADF4211/ADF4212/ADF4213 –15– Table VI. RF N Counter Latch Map DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (1) C1 (1) A1 A2 A3 A4 A5 A6 B12 CONTROL BITS 12-BIT B COUNTER DB21 RF N COUNTER LATCH DB23 DB22 RF PRESCALER P17 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 P16 P15 P14 6-BIT A COUNTER B12 B11 B10 B3 B2 B1 B COUNTER DIVIDE RATIO 000.......... 0113 000.......... 1004 ............. .... ............. .... ............. .... 111.......... 100 4092 111.......... 101 4093 111.......... 110 4094 111.......... 111 4095 A COUNTER A6 A5 .......... A2 A1 DIVIDE RATIO 0 0 .......... 0 1 1 0 0 .......... 1 0 2 0 0 .......... 1 1 3 0 0 .......... 0 0 4 . . .......... . . . . . .......... . . . . . .......... . . . 1 1 .......... 0 0 60 1 1 .......... 0 1 61 1 1 .......... 1 0 62 1 1 .......... 1 1 63 N = BP + A, P IS PRESCALER VALUE SET IN THE FUNCTION LATCH. B MUST BE GREATER THAN OR EQUAL TO A. FOR CONTIGUOUS VALUES OF N FREF, NMIN is (P 2 – P). 0 0 8/9 0 1 16/17 1 0 32/33 1 1 64/65 0 DISABLE 1 ENABLE 0 DISABLE 1 ENABLE P15 P14 PRESCALER P16 RF POWER-DOWN P17 RF CP GAIN |