| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD6311 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AD6311 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 11 page ![]() AD6311 1/8- to 1/16 Duty VFD Controller/Driver Anachip Corp. www.anachip.com.tw Rev. A5 Dec 29, 2003 7/11 Lower 4 bits Higher 4 bits Only the lower 4 bits of the addresses assigned to Seg17 through Seg20 are valid, and the higher 4 bits are ignored. 3.0 LED Port Data is written to the LED port by a write command, starting from the least significant bit of the port. When a bit of this port is 0, the corresponding LED lights; when the bit is 1, the LED goes off . The data of bits 6 through 8 is ignored. -- - b4 b3 b2 b1 b0 MSB LSB Don't care LED1 LED2 LED3 LED4 LED5 On power application, all the LEDs remain dark. 4.0 Key Matrix and Key-Input data Storage RAM The key matrix is of 12×4 configuration, as shown below. KEY1 KEY2 KEY3 KEY4 The data of each key is stored as illustrated below, and is read by a read command, starting from the least significant bit. When the most significant bit of data (Seg12 b7) has been read, the least significant bit of the next data (Seg1 b0) is read. KEY1 ...KEY4 KEY1 ...KEY4 Seg1/KS1 Seg3/KS3 Seg5/KS5 Seg7/KS7 Seg9/KS9 Seg11/KS11 Seg2/KS2 Seg4/KS4 Seg6/KS6 Seg8/KS8 Seg10/KS10 Seg12/KS12 b4--------b7 b0--------b3 Reading sequence |