| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F779IGH6 bảng dữ liệu(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IGH6 bảng dữ liệu(HTML) 100 Page - STMicroelectronics |
|
100 / 255 page ![]() Port F PF12 - - - - - - - - - - - - FMC_A6 - - EVEN TOUT PF13 - - - - I2C4_SM BA - DFSDM1 _DATAIN 6 - - - - - FMC_A7 - - EVEN TOUT PF14 - - - - I2C4_SC L - DFSDM1 _CKIN6 - - - - - FMC_A8 - - EVEN TOUT PF15 - - - - I2C4_SD A - - - - - - - FMC_A9 - - EVEN TOUT Port G PG0 --- - - -- - - - - - FMC_A1 0 -- EVEN TOUT PG1 --- - - -- - - - - - FMC_A1 1 -- EVEN TOUT PG2 --- - - -- - - - - - FMC_A1 2 -- EVEN TOUT PG3 --- - - -- - - - - - FMC_A1 3 -- EVEN TOUT PG4 --- - - -- - - - - - FMC_A1 4/FMC_ BA0 -- EVEN TOUT PG5 --- - - -- - - - - - FMC_A1 5/FMC_ BA1 -- EVEN TOUT PG6 --- - - -- - - - - - FMC_NE 3 DCMI_D 12 LCD_R7 EVEN TOUT PG7 - - - - - - SAI1_M CLK_A - USART6 _CK -- - FMC_IN T DCMI_D 13 LCD_CL K EVEN TOUT Table 12. STM32F777xx, STM32F778Ax and STM32F779xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS I2C4/UA RT5/TIM 1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/DFSDM 1/CEC I2C1/2/3/ 4/USART 1/CEC SPI1/I2S 1/SPI2/I2 S2/SPI3/ I2S3/SPI 4/5/6 SPI2/I2S 2/SPI3/I2 S3/SAI1/ I2C4/UA RT4/DF SDM1 SPI2/I2S 2/SPI3/I2 S3/SPI6/ USART1/ 2/3/UART 5/DFSDM 1/SPDIF SPI6/SAI 2/USART 6/UART4/ 5/7/8/OT G_FS/SP DIF CAN1/2/T IM12/13/ 14/QUAD SPI/FMC/ LCD SAI2/QU ADSPI/S DMMC2/D FSDM1/O TG2_HS/ OTG1_FS /LCD I2C4/CAN 3/SDMM C2/ETH UART7/ FMC/SD MMC1/M DIOS/OT G2_FS DCMI/L CD/DSI LCD SYS |