| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
79L05ACF bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
79L05ACF bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 7 page ![]() 79L00AC Series Ph./Fax: +7–816–2231736 PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta © August 2001 Rev 1 2 ABSOLUTE MAXIMUM RATINGS (T A = 25 °C) Rating Symbol Value Unit Input Voltage V O = -5 V to -9 V V O = -12 V to -15 V V I -30 -35 V Output Current I O 100 mA Maximum Power Dissipation Case KT-26 (TO-92) Z Suffix Case KT-47 (SOT-89) F Suffix Case 4303.8-1 (SO-8) D Suffix P D 500 350 500 mW Junction Temperature T JMAX 150 °C Operating Junction Temperature Range T OPR -30 to +85 °C Storage Temperature Range T STG -40 to +150 °C ORDERING INFORMATION Device Marking Package Quantity Packing Style 79LXXACZ* 79LXXACZ* SOT-54 1 Kpcs / plastic bags / carton box In bulk 79LXXACF* 9LXX* SOT-89 5 Kpcs / plastic bags / carton box In bulk 79LXXACF-T1* 9LXX* SOT-89 1 Kpcs / Reel Embossed tape 12-mm wide 7'' dia. Pin 2 (Common) towards the windung. Perforation on the right. 79LXXACD* 79LXXACD* SO-8 5 Kpcs / plastic bags / carton box In bulk 79LXXACD-R1* 79LXXACD* SO-8 500 pcs / Reel Embossed tape 12-mm wide 7'' dia. Pin 1 (Output) face to perforation side of the tape. 79LXXACD-R2* 79LXXACD* SO-8 2.5 Kpcs / Reel Embossed tape 12-mm wide 13'' dia. Pin 1 (Output) face to perforation side of the tape. Note 1: XX indicates nominal voltage *Available in -5, -6, -8, -9, -12 and -15 V devices. |