công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33702DWB bảng dữ liệu(PDF) 16 Page - Motorola, Inc

tên linh kiện PC33702DWB
Giải thích chi tiết về linh kiện  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33702DWB bảng dữ liệu(HTML) 16 Page - Motorola, Inc

Back Button PC33702DWB Datasheet HTML 12Page - Motorola, Inc PC33702DWB Datasheet HTML 13Page - Motorola, Inc PC33702DWB Datasheet HTML 14Page - Motorola, Inc PC33702DWB Datasheet HTML 15Page - Motorola, Inc PC33702DWB Datasheet HTML 16Page - Motorola, Inc PC33702DWB Datasheet HTML 17Page - Motorola, Inc PC33702DWB Datasheet HTML 18Page - Motorola, Inc PC33702DWB Datasheet HTML 19Page - Motorola, Inc PC33702DWB Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
33702
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
16
Figure 12. Inverted Power Up/Down Sequence in +5.0 V
Supply System
Standard Power Sequencing
When the power supply IC operates in the Standard Power
Sequencing mode, the switcher output provides the core
voltage for the microprocessor. This situation and operating
conditions are illustrated in Figure 10 and Figure 11. Table 2,
page 15, shows the Power Sequencing mode selection.
Inverted Power Sequencing
When the power supply IC is operating in the Inverted Power
Sequencing mode, the linear regulator (LDO) output provides
the core voltage for the microprocessor, as illustrated in
Figure 12. Table 2 shows the Power Sequencing mode
selection.
33702 POWER SEQUENCING
Requirements
1. I/O supply voltage not to exceed core voltage by more than
2.0 V.
2. Core supply voltage not to exceed I/O voltage by more
than 0.4 V.
Methods of Control
The 33702 has several methods of monitoring and
controlling the regulator output voltages, as described in the
paragraphs below. Power sequencing control is also achieved
through the intrinsic operation of the regulators. The EN1 and
EN2 pins can be used to disable the power sequencing (refer to
Table 2, page 15.
Intrinsic Operation
For both the LDO and switcher, whenever the output voltage
is below the regulation point, the LDO external Pass FET will be
on or the Buck High-Side FET will be on at a duty cycle
controlled by the switcher. Because these devices are FETs,
current can flow in either direction, balancing the voltages via
the common supply pin. The ability to maintain the FETs on will
depend on the available gate voltage, and thus the size of the
boost regulator storage capacitor.
Standard Power Sequencing Control
Comparators monitor voltage differences between the LDO
(LDO pin) and the switcher (VOUT pin) outputs as follows:
1. LDO > VOUT + 1.8 V, turn off LDO. The LDO can be
forced off. This occurs whenever the LDO output voltage
exceeds the switcher output voltage by more than 1.8 V.
2. LDO > VOUT + 1.9 V, shunt LDO to ground. If turning off
the LDO is insufficient and the LDO output voltage
exceeds the switcher output voltage by more than 1.9 V,
a 1.0
Ω shunt FET is turned on that discharges the LDO
load capacitor to ground. The shunt FET is used for
switcher output shorts to ground and for power down in
case of VIN1 ≠ VIN2 with the switcher output falling faster
than the LDO.
3. LDO < VOUT + 1.7 V, cancel (1) and (2) above, re-enable
LDO. Normal operation resumes when the LDO output
voltage is less than 1.7 V above the switcher output
voltage.
4. LDO < VOUT - 0.2 V, turn off switcher. The switcher can
be forced off. This occurs whenever the LDO is less than
VOUT - 0.2 V.
5. LDO < VOUT - 0.3 V, turn on Sync (LS) FET and 1.0 Ω
VOUT sink FET. The Buck High-Side FET is forced off and
the Sync FET is forced on. This occurs when the switcher
output voltage exceeds the LDO output by more than
300 mV.
6. LDO > VOUT , reset (4) and (5) above. Normal operation
resumes when LDO > VOUT.
∆V = 2.0 V
Max. Lead
∆V = 0.4 V
Max. Lag
∆V = 0.4 V
Max. Lag
V Start-Up
3.3 V I/O Voltage (VOUT)
1.8 V Core Voltage(VLDO)
5.0 V Input Supply
∆V = 2.0 V
Max. Lead
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com