| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F779AGK6 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779AGK6 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 255 page ![]() STM32F777xx STM32F778Ax STM32F779xx 2/255 DocID028294 Rev 4 • Up to 28 communication interfaces – Up to 4 I2C interfaces (SMBus/PMBus) – Up to 4 USARTs/4 UARTs (12.5 Mbit/s, ISO7816 interface, LIN, IrDA, modem control) – Up to 6 SPIs (up to 54 Mbit/s), 3 with muxed simplex I2S for audio – 2 x SAIs (serial audio interface) – 3 × CANs (2.0B Active) and 2x SDMMCs – SPDIFRX interface – HDMI-CEC – MDIO slave interface • Advanced connectivity – USB 2.0 full-speed device/host/OTG controller with on-chip PHY – USB 2.0 high-speed/full-speed device/host/OTG controller with dedicated DMA, on-chip full-speed PHY and ULPI – 10/100 Ethernet MAC with dedicated DMA: supports IEEE 1588v2 hardware, MII/RMII • 8- to 14-bit camera interface up to 54 Mbyte/s • Cryptographic acceleration: hardware acceleration for AES 128, 192, 256, triple DES, HASH (MD5, SHA-1, SHA-2), and HMAC • True random number generator • CRC calculation unit • RTC: subsecond accuracy, hardware calendar • 96-bit unique ID Table 1. Device summary Reference Part number STM32F777xx STM32F777BI, STM32F777II, STM32F777NI, STM32F777VI, STM32F777ZI STM32F778Ax STM32F778AI STM32F779xx STM32F779AI, STM32F779BI, STM32F779II, STM32F779NI |