| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F769I bảng dữ liệu(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F769I bảng dữ liệu(HTML) 96 Page - STMicroelectronics |
|
96 / 255 page ![]() Port C PC11 - - - DFSDM1_ DATAIN5 -- SPI3_MI SO USART3 _RX UART4_ RX QUADSP I_BK2_N CS -- SDMMC _D3 DCMI_D 4 - EVEN TOUT PC12 TRACED 3 -- - - - SPI3_M OSI/I2S3 _SD USART3 _CK UART5_T X -- - SDMMC _CK DCMI_D 9 - EVEN TOUT PC13 - - - - - - - - - - - - - - - EVEN TOUT PC14 - - - - - - - - - - - - - - - EVEN TOUT PC15 - - - - - - - - - - - - - - - EVEN TOUT Port D PD0 - - - DFSDM1_ CKIN6 -- DFSDM1 _DATAIN 7 - UART4_ RX CAN1_R X - - FMC_D2 - - EVEN TOUT PD1 - - - DFSDM1_ DATAIN6 -- DFSDM1 _CKIN7 - UART4_T X CAN1_T X - - FMC_D3 - - EVEN TOUT PD2 TRACED 2 - TIM3_ET R -- - - - UART5_ RX -- - SDMMC _CMD DCMI_D 11 - EVEN TOUT PD3 - - - DFSDM1_ CKOUT - SPI2_SC K/I2S2_ CK DFSDM1 _DATAIN 0 USART2 _CTS -- - - FMC_CL K DCMI_D 5 LCD_G7 EVEN TOUT PD4 - - - - - - DFSDM1 _CKIN0 USART2 _RTS -- - - FMC_N OE -- EVEN TOUT PD5 --- - - -- USART2 _TX -- - - FMC_N WE -- EVEN TOUT PD6 - - - DFSDM1_ CKIN4 - SPI3_M OSI/I2S3 _SD SAI1_SD _A USART2 _RX -- DFSDM1_ DATAIN1 SDMMC2 _CK FMC_N WAIT DCMI_D 10 LCD_B2 EVEN TOUT PD7 - - - DFSDM1_ DATAIN4 - SPI1_M OSI/I2S1 _SD DFSDM1 _CKIN1 USART2 _CK SPDIF_R X0 -- SDMMC2 _CMD FMC_NE 1 -- EVEN TOUT Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS I2C4/UA RT5/TIM 1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/DFSDM 1/CEC I2C1/2/3/ 4/USART 1/CEC SPI1/I2S 1/SPI2/I2 S2/SPI3/ I2S3/SPI 4/5/6 SPI2/I2S 2/SPI3/I2 S3/SAI1/ I2C4/UA RT4/DF SDM1 SPI2/I2S 2/SPI3/I2 S3/SPI6/ USART1/ 2/3/UART 5/DFSDM 1/SPDIF SPI6/SAI 2/USART 6/UART4/ 5/7/8/OT G_FS/SP DIF CAN1/2/T IM12/13/ 14/QUAD SPI/FMC/ LCD SAI2/QU ADSPI/S DMMC2/D FSDM1/O TG2_HS/ OTG1_FS /LCD I2C4/CAN 3/SDMM C2/ETH UART7/ FMC/SD MMC1/M DIOS/OT G2_FS DCMI/L CD/DSI LCD SYS |