| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F765 bảng dữ liệu(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F765 bảng dữ liệu(HTML) 98 Page - STMicroelectronics |
|
98 / 255 page ![]() Port E PE4 TRACED 1 -- - - SPI4_NS S SAI1_FS _A --- DFSDM1_ DATAIN3 - FMC_A2 0 DCMI_D 4 LCD_B0 EVEN TOUT PE5 TRACED 2 -- TIM9_CH 1 - SPI4_MI SO SAI1_SC K_A --- DFSDM1_ CKIN3 - FMC_A2 1 DCMI_D 6 LCD_G0 EVEN TOUT PE6 TRACED 3 TIM1_B KIN2 - TIM9_CH 2 - SPI4_M OSI SAI1_SD _A --- SAI2_MC K_B - FMC_A2 2 DCMI_D 7 LCD_G1 EVEN TOUT PE7 - TIM1_ET R -- - - DFSDM1 _DATAIN 2 - UART7_ Rx - QUADSPI _BK2_IO0 - FMC_D4 - - EVEN TOUT PE8 - TIM1_C H1N -- - - DFSDM1 _CKIN2 - UART7_T x - QUADSPI _BK2_IO1 - FMC_D5 - - EVEN TOUT PE9 - TIM1_C H1 -- - - DFSDM1 _CKOUT - UART7_ RTS - QUADSPI _BK2_IO2 - FMC_D6 - - EVEN TOUT PE10 - TIM1_C H2N -- - - DFSDM1 _DATAIN 4 - UART7_ CTS - QUADSPI _BK2_IO3 - FMC_D7 - - EVEN TOUT PE11 - TIM1_C H2 -- - SPI4_NS S DFSDM1 _CKIN4 --- SAI2_SD_ B - FMC_D8 - LCD_G3 EVEN TOUT PE12 - TIM1_C H3N -- - SPI4_SC K DFSDM1 _DATAIN 5 --- SAI2_SC K_B - FMC_D9 - LCD_B4 EVEN TOUT PE13 - TIM1_C H3 -- - SPI4_MI SO DFSDM1 _CKIN5 --- SAI2_FS_ B - FMC_D1 0 - LCD_DE EVEN TOUT PE14 - TIM1_C H4 -- - SPI4_M OSI - --- SAI2_MC K_B - FMC_D1 1 - LCD_CL K EVEN TOUT PE15 - TIM1_B KIN - - - - - --- - - FMC_D1 2 - LCD_R7 EVEN TOUT Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS I2C4/UA RT5/TIM 1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/DFSDM 1/CEC I2C1/2/3/ 4/USART 1/CEC SPI1/I2S 1/SPI2/I2 S2/SPI3/ I2S3/SPI 4/5/6 SPI2/I2S 2/SPI3/I2 S3/SAI1/ I2C4/UA RT4/DF SDM1 SPI2/I2S 2/SPI3/I2 S3/SPI6/ USART1/ 2/3/UART 5/DFSDM 1/SPDIF SPI6/SAI 2/USART 6/UART4/ 5/7/8/OT G_FS/SP DIF CAN1/2/T IM12/13/ 14/QUAD SPI/FMC/ LCD SAI2/QU ADSPI/S DMMC2/D FSDM1/O TG2_HS/ OTG1_FS /LCD I2C4/CAN 3/SDMM C2/ETH UART7/ FMC/SD MMC1/M DIOS/OT G2_FS DCMI/L CD/DSI LCD SYS |