| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L152VC bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152VC bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 136 page ![]() DocID022799 Rev 12 79/136 STM32L151xC STM32L152xC Electrical characteristics 109 tSTAB(MSI)(2) MSI oscillator stabilization time MSI range 0 - 40 µs MSI range 1 - 20 MSI range 2 - 10 MSI range 3 - 4 MSI range 4 - 2.5 MSI range 5 - 2 MSI range 6, Voltage range 1 and 2 -2 MSI range 3, Voltage range 3 -3 fOVER(MSI) MSI oscillator frequency overshoot Any range to range 5 -4 MHz Any range to range 6 -6 1. This is a deviation for an individual part, once the initial frequency has been measured. 2. Guaranteed by characterization results. Table 33. MSI oscillator characteristics (continued) Symbol Parameter Condition Typ Max Unit |