| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPS-032TSNP0 bảng dữ liệu(PDF) 2 Page - SICK AG |
|
|
|||||||||||||||||||||||||||||
MPS-032TSNP0 bảng dữ liệu(HTML) 2 Page - SICK AG |
|
2 / 6 page ![]() A B C D E F H I J K L M N O P Q R S T MPS-032TSNP0 | MPS-T POSITION SENSORS Ordering information Type Part no. MPS-032TSNP0 1053835 Other models and accessories www.sick.com/MPS-T Detailed technical data Features Cylinder type T-slot Cylinder types with adapter Round body cylinder Profile cylinders and tie-rod cylinders Dovetail groove cylinder SMC rail CDQ2 SMC rail ECDQ2 SMC cylinders with C-slot Measuring range 32 mm 1) Housing length 45 mm Output function Analog Electrical wiring DC 4-wire Analog output (voltage) 0 V ... 10 V 2) Analog output (current) 4 mA ... 20 mA 2) Enclosure rating IP67 3) 1) , ± 1 mm. 2) The sensor only activates the wired output. 3) According to EN 60529. Mechanics/electronics Supply voltage 15 V DC ... 30 V DC 1) Power consumption ≤ 22 mA 2) Max. load resistance 500 Ω 3) 1) Reverse-polarity protected, operation in short-circuit protected network: max. 8 A. 2) Without load. 3) Power Output, at 24 V. 4) Voltage output. 5) FSR: Full Scale Range; max. measuring range. 6) At 25 ° C, linearity error (maximum deviation) depending on response curve and minimal deviation function. 7) At 25 ° C, repeatability magnet movement in one direction. 8) Only in standard mode, not in IO-Link mode. 9) The analog measured value can deviate under transient conditions. 10) Do not bend below 0 °C. 2 MAGNETIC CYLINDER SENSORS | SICK Online data sheet | 2017-05-04 16:20:10 Subject to change without notice |