| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L151RC bảng dữ liệu(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151RC bảng dữ liệu(HTML) 45 Page - STMicroelectronics |
|
45 / 136 page ![]() DocID022799 Rev 12 45/136 STM32L151xC STM32L152xC Pin descriptions 51 B5 92 58 B5 42 PB6 I/O FT PB6 TIM4_CH1/I2C1_SCL/ USART1_TX COMP2_INP B4 93 59 C5 43 PB7 I/O FT PB7 TIM4_CH2/I2C1_SDA/ USART1_RX COMP2_INP/PVD_IN A4 94 60 A6 44 BOOT0 I B BOOT0 - - A3 95 61 B6 45 PB8 I/O FT PB8 TIM4_CH3/TIM10_CH1/ I2C1_SCL/LCD_SEG16 - B3 96 62 C6 46 PB9 I/O FT PB9 TIM4_CH4/TIM11_CH1/ I2C1_SDA/LCD_COM3 - C3 97 - - - PE0 I/O FT PE0 TIM4_ETR/TIM10_CH1/ LCD_SEG36 - A2 98 - - - PE1 I/O FT PE1 TIM11_CH1/ LCD_SEG37 - D3 99 63 A7 47 VSS_3 S- VSS_3 -- C4 100 64 B7 48 VDD_3 S- VDD_3 -- 1. I = input, O = output, S = supply. 2. Function availability depends on the chosen device. 3. Applicable to STM32L152xC devices only. In STM32L151xC devices, this pin should be connected to VDD. 4. The PC14 and PC15 I/Os are only configured as OSC32_IN/OSC32_OUT when the LSE oscillator is ON (by setting the LSEON bit in the RCC_CSR register). The LSE oscillator pins OSC32_IN/OSC32_OUT can be used as general-purpose PH0/PH1 I/Os, respectively, when the LSE oscillator is off (after reset, the LSE oscillator is off). The LSE has priority over the GPIO function. For more details, refer to Using the OSC32_IN/OSC32_OUT pins as GPIO PC14/PC15 port pins section in the STM32L151xx, STM32L152xx and STM32L162xx reference manual (RM0038). 5. The PH0 and PH1 I/Os are only configured as OSC_IN/OSC_OUT when the HSE oscillator is ON (by setting the HSEON bit in the RCC_CR register). The HSE oscillator pins OSC_IN/OSC_OUT can be used as general-purpose PH0/PH1 I/Os, respectively, when the HSE oscillator is off ( after reset, the HSE oscillator is off ). The HSE has priority over the GPIO function. Table 9. STM32L151xC and STM32L152xC pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |