| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L162RCT6 bảng dữ liệu(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162RCT6 bảng dữ liệu(HTML) 96 Page - STMicroelectronics |
|
96 / 123 page ![]() Electrical characteristics STM32L162VC, STM32L162RC 96/123 DocID022881 Rev 10 Figure 25. ADC accuracy characteristics Figure 26. Typical connection diagram using the ADC 1. Refer to Table 58: Maximum source impedance RAIN max for the value of RAIN and Table 56: ADC characteristics for the value of CADC. 2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy this, fADC should be reduced. |