| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F765XX bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F765XX bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 255 page ![]() Description STM32F765xx STM32F767xx STM32F768Ax STM32F769xx 18/255 DocID029041 Rev 4 1.1 Full compatibility throughout the family The STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx devices are fully pin-to-pin, compatible with the STM32F4xxxx devices, allowing the user to try different peripherals, and reaching higher performances (higher frequency) for a greater degree of freedom during the development cycle. Figure 1 gives compatible board designs between the STM32F7xx and STM32F4xx families. Figure 1. Compatible board design for LQFP100 package The STM32F76x LQFP144, LQFP176, LQFP208, TFBGA216, UFBGA176 packages are fully pin to pin compatible with STM32F4xx devices. |