| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F410CB bảng dữ liệu(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410CB bảng dữ liệu(HTML) 47 Page - STMicroelectronics |
|
47 / 142 page ![]() DocID028094 Rev 5 47/142 STM32F410x8/B Memory mapping 47 APB1 0x4000 7800 - 0x4000 FFFF Reserved 0x4000 7400 - 0x4000 77FF DAC 0x4000 7000 - 0x4000 73FF PWR 0x4000 6400 - 0x4000 6FFF Reserved 0x4000 6000 - 0x4000 63FF I2C4 FM+ 0x4000 5C00 - 0x4000 5FFF Reserved 0x4000 5800 - 0x4000 5BFF I2C2 0x4000 5400 - 0x4000 57FF I2C1 0x4000 4800 - 0x4000 53FF Reserved 0x4000 4400 - 0x4000 47FF USART2 0x4000 4000 - 0x4000 43FF Reserved 0x4000 3C00 - 0x4000 3FFF SPI3 / I2S3 0x4000 3800 - 0x4000 3BFF SPI2 / I2S2 0x4000 3400 - 0x4000 37FF Reserved 0x4000 3000 - 0x4000 33FF IWDG 0x4000 2C00 - 0x4000 2FFF WWDG 0x4000 2800 - 0x4000 2BFF RTC & BKP Registers 0x4000 1400 - 0x4000 27FF Reserved 0x4000 1000 - 0x4000 13FF TIM6 0x4000 0C00 - 0x4000 0FFF TIM5 0x4000 0000 - 0x4000 0BFF Reserved 1. The gray color is used for reserved boundary address. Table 11. STM32F410x8/B register boundary addresses(1) Bus Boundary address Peripheral |