công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F410CB bảng dữ liệu(PDF) 122 Page - STMicroelectronics

tên linh kiện STM32F410CB
Giải thích chi tiết về linh kiện  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410CB bảng dữ liệu(HTML) 122 Page - STMicroelectronics

Back Button STM32F410CB Datasheet HTML 118Page - STMicroelectronics STM32F410CB Datasheet HTML 119Page - STMicroelectronics STM32F410CB Datasheet HTML 120Page - STMicroelectronics STM32F410CB Datasheet HTML 121Page - STMicroelectronics STM32F410CB Datasheet HTML 122Page - STMicroelectronics STM32F410CB Datasheet HTML 123Page - STMicroelectronics STM32F410CB Datasheet HTML 124Page - STMicroelectronics STM32F410CB Datasheet HTML 125Page - STMicroelectronics STM32F410CB Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 142 page
background image
Package information
STM32F410x8/B
122/142
DocID028094 Rev 5
7.2
UFQFPN48 package information
Figure 44. UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package outline
1. Drawing is not to scale.
2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and
solder this back-side pad to PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More