| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F303C8 bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303C8 bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 115 page ![]() Electrical characteristics STM32F303x6/x8 54/115 DocID025083 Rev 5 Table 27. Typical and maximum current consumption from the VDDA supply Symbol Parameter Conditions (1) fHCLK VDDA = 2.4 V VDDA = 3.6 V Unit Typ. Max. @ TA(2) Typ. Max. @ TA(2) 25 °C 85 °C 105 °C 25 °C 85 °C 105 °C IDDA Supply current in Run/Sleep mode, code executing from Flash or RAM HSE bypass 72 MHz 224 252(3) 265 269(3) 245 272(3) 288 295(3) µA 64 MHz 196 225 237 241 214 243 257 263 48 MHz 147 174 183 186 159 186 196 201 32 MHz 100 126 133 135 109 133 142 145 24 MHz 79 102 107 108 85 108 113 116 8 MHz 3 5 5 6 4 6 6 7 1 MHz 3 5 5 6 3 5 6 6 HSI clock 64 MHz 259 288 304 309 285 315 332 338 48 MHz 208 239 251 254 230 258 271 277 32 MHz 162 190 198 202 179 206 216 219 24 MHz 140 168 175 178 155 181 188 191 8 MHz 62 85 88 89 71 94 96 98 1. Current consumption from the VDDA supply is independent of whether the peripherals are on or off. Furthermore when the PLL is off, IDDA is independent from the frequency. 2. Data based on characterization results, not tested in production. 3. Data based characterization results and tested in production with code executing from RAM. Table 28. Typical and maximum VDD consumption in Stop and Standby modes Symbol Parameter Conditions Typ. @VDD (VDD=VDDA)Max.(1) Unit 2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V TA = 25 °C TA = 85 °C TA = 105 ° C IDD Supply current in Stop mode Regulator in run mode, all oscillators OFF 17.5 1 17.6 8 17.8 4 18.1 7 18.5 7 19.3 9 30.6 232.5 612.2 µA Regulator in low-power mode, all oscillators OFF 6.44 6.51 6.60 6.73 6.96 7.20 20.0 246.4 585.0 Supply current in Standby mode LSI ON and IWDG ON 0.73 0.89 1.02 1.14 1.28 1.44 - - - LSI OFF and IWDG OFF 0.55 0.66 0.75 0.85 0.93 1.01 4.9 7.0 7.9 1. Data based on characterization results, not tested in production unless otherwise specified. |