công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F303C6 bảng dữ liệu(PDF) 30 Page - STMicroelectronics

tên linh kiện STM32F303C6
Giải thích chi tiết về linh kiện  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303C6 bảng dữ liệu(HTML) 30 Page - STMicroelectronics

Back Button STM32F303C6 Datasheet HTML 26Page - STMicroelectronics STM32F303C6 Datasheet HTML 27Page - STMicroelectronics STM32F303C6 Datasheet HTML 28Page - STMicroelectronics STM32F303C6 Datasheet HTML 29Page - STMicroelectronics STM32F303C6 Datasheet HTML 30Page - STMicroelectronics STM32F303C6 Datasheet HTML 31Page - STMicroelectronics STM32F303C6 Datasheet HTML 32Page - STMicroelectronics STM32F303C6 Datasheet HTML 33Page - STMicroelectronics STM32F303C6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 115 page
background image
Functional overview
STM32F303x6/x8
30/115
DocID025083 Rev 5
3.19
Development support
3.19.1
Serial wire JTAG debug port (SWJ-DP)
The ARM SWJ-DP Interface is embedded, and is a combined JTAG and serial wire debug
port that enables either a serial wire debug or a JTAG probe to be connected to the target.
The JTAG TMS and TCK pins are shared respectively with SWDIO and SWCLK and a
specific sequence on the TMS pin is used to switch between JTAG-DP and SW-DP.
4
TSC_G4_IO1
PA9
TSC_G4_IO2
PA10
TSC_G4_IO3
PA13
TSC_G4_IO4
PA14
5
TSC_G5_IO1
PB3
TSC_G5_IO2
PB4
TSC_G5_IO3
PB6
TSC_G5_IO4
PB7
6
TSC_G6_IO1
PB11
TSC_G6_IO2
PB12
TSC_G6_IO3
PB13
TSC_G6_IO4
PB14
Table 12. No. of capacitive sensing channels available on STM32F303x6/8 devices
Analog I/O group
Number of capacitive sensing channels
STM32F303xRx
STM32F303xCx
STM32F303xKx
G1
3
3
3
G2
3
3
3
G3
3
2
2
G4
3
3
3
G5
3
3
3
G6
3
3
0
Number of capacitive
sensing channels
18
17
14
Table 11. Capacitive sensing GPIO available (continued)
Group
Capacitive sensing group
name
Pin name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More