| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F042C4 bảng dữ liệu(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042C4 bảng dữ liệu(HTML) 82 Page - STMicroelectronics |
|
82 / 117 page ![]() Electrical characteristics STM32F042x4 STM32F042x6 82/117 DocID025832 Rev 5 6.3.17 Temperature sensor characteristics 6.3.18 VBAT monitoring characteristics 6.3.19 Timer characteristics The parameters given in the following tables are guaranteed by design. Refer to Section 6.3.14: I/O port characteristics for details on the input/output alternate function characteristics (output compare, input capture, external clock, PWM output). Table 57. TS characteristics Symbol Parameter Min Typ Max Unit TL(1) VSENSE linearity with temperature - ± 1 ± 2 °C Avg_Slope(1) Average slope 4.0 4.3 4.6 mV/°C V30 Voltage at 30 °C (± 5 °C)(2) 1.34 1.43 1.52 V tSTART(1) ADC_IN16 buffer startup time - - 10 µs tS_temp(1) ADC sampling time when reading the temperature 4- - µs 1. Guaranteed by design, not tested in production. 2. Measured at VDDA = 3.3 V ± 10 mV. The V30 ADC conversion result is stored in the TS_CAL1 byte. Refer to Table 3: Temperature sensor calibration values . Table 58. VBAT monitoring characteristics Symbol Parameter Min Typ Max Unit R Resistor bridge for VBAT -2 x 50 - kΩ Q Ratio on VBAT measurement - 2 - - Er(1) Error on Q –1 - +1 % tS_vbat(1) ADC sampling time when reading the VBAT 4- - µs 1. Guaranteed by design, not tested in production. Table 59. TIMx characteristics Symbol Parameter Conditions Min Typ Max Unit tres(TIM) Timer resolution time -- 1 - tTIMxCLK fTIMxCLK = 48 MHz - 20.8 - ns fEXT Timer external clock frequency on CH1 to CH4 -- fTIMxCLK/2 -MHz fTIMxCLK = 48 MHz - 24 - MHz tMAX_COUNT 16-bit timer maximum period -- 216 - tTIMxCLK fTIMxCLK = 48 MHz - 1365 - µs 32-bit counter maximum period -- 232 - tTIMxCLK fTIMxCLK = 48 MHz - 89.48 - s |