| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F042X4 bảng dữ liệu(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042X4 bảng dữ liệu(HTML) 90 Page - STMicroelectronics |
|
90 / 117 page ![]() Package information STM32F042x4 STM32F042x6 90/117 DocID025832 Rev 5 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 LQFP48 package information LQFP48 is a 48-pin, 7 x 7 mm low-profile quad flat package. Figure 33. LQFP48 package outline 1. Drawing is not to scale. |