| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72561AR6-Auto bảng dữ liệu(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561AR6-Auto bảng dữ liệu(HTML) 96 Page - STMicroelectronics |
|
96 / 324 page ![]() PWM auto-reload timer (ART) ST72561-Auto 96/324 Doc ID 12370 Rev 8 Figure 42. PWM signal from 0% to 100% duty cycle 11.2.6 Output compare and Time base interrupt On overflow, the OVF flag of the ARTCSR register is set and an overflow interrupt request is generated if the overflow interrupt enable bit, OIE, in the ARTCSR register, is set. The OVF flag must be reset by the user software. This interrupt can be used as a time base in the application. 11.2.7 External clock and event detector mode Using the fEXT external prescaler input clock, the auto-reload timer can be used as an external clock event detector. In this mode, the ARTARR register is used to select the nEVENT number of events to be counted before setting the OVF flag. nEVENT = 256 - ARTARR Caution: The external clock function is not available in HALT mode. If HALT mode is used in the application, prior to executing the HALT instruction, the counter must be disabled by clearing the TCE bit in the ARTCSR register to avoid spurious counter increments. Figure 43. External event detector example (3 counts) 11.2.8 Input capture function Input Capture mode allows the measurement of external signal pulse widths through ARTICRx registers. COUNTER t FDh FEh FFh FDh FEh FFh FDh FEh OCRx=FCh OCRx=FDh OCRx=FEh OCRx=FFh ARTARR fCOUNTER =FDh COUNTER t FDh FEh FFh FDh OVF ARTCSR READ INTERRUPT ARTARR fEXT =fCOUNTER FEh FFh FDh IF OIE = 1 INTERRUPT IF OIE = 1 ARTCSR READ =FDh |