| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L152C6 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C6 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 142 page ![]() Pinout and pin description STM8L151x4/6, STM8L152x4/6 34/142 DocID15962 Rev 15 -- 9 G2 PD1/TIM1_CH3/[TIM3_ET R](4)/LCD_COM3(2)/ ADC1_IN21/COMP2_INP/ COMP1_INP I/O TT (3) X XX HS X X Port D1 Timer 1 channel 3 / [Timer 3 - external trigger] / LCD_COM3/ ADC1_IN21 / Comparator 2 positive input / Comparator 1 positive input 22 11 10 E4 PD2/TIM1_CH1 /LCD_SEG8(2)/ ADC1_IN20/COMP1_INP I/O TT (3) X XX HS X X Port D2 Timer 1 - channel 1 / LCD segment 8 / ADC1_IN20 / Comparator 1 positive input 23 12 - - PD3/ TIM1_ETR/ LCD_SEG9(2)/ADC1_IN1 9/COMP1_INP I/O TT (3) X XX HS X X Port D3 Timer 1 - external trigger / LCD segment 9 / ADC1_IN19 / Comparator 1 positive input -- 11 F3 PD3/ TIM1_ETR/ LCD_SEG9(2)/ ADC1_IN19/TIM1_BKIN/ COMP1_INP/ RTC_CALIB I/O TT (3) X XX HS X X Port D3 Timer 1 - external trigger / LCD segment 9 / ADC1_IN19 / Timer 1 break input / RTC calibration / Comparator 1 positive input 33 21 20 C1 PD4/TIM1_CH2 /LCD_SEG18(2)/ ADC1_IN10/COMP1_INP I/O TT (3) X XX HS X X Port D4 Timer 1 - channel 2 / LCD segment 18 / ADC1_IN10/ Comparator 1 positive input 34 22 - - PD5/TIM1_CH3 /LCD_SEG19(2)/ ADC1_IN9/COMP1_INP I/O TT (3) X XX HS X X Port D5 Timer 1 - channel 3 / LCD segment 19 / ADC1_IN9/ Comparator 1 positive input 35 23 - - PD6/TIM1_BKIN /LCD_SEG20(2)/ ADC1_IN8/RTC_CALIB/ /VREFINT/ COMP1_INP I/O TT (3) X XX HS X X Port D6 Timer 1 - break input / LCD segment 20 / ADC1_IN8 / RTC calibration / Internal voltage reference output / Comparator 1 positive input Table 5. Medium-density STM8L151x4/6, STM8L152x4/6 pin description (continued) Pin number Pin name Input Output Default alternate function |