công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8L101X1 bảng dữ liệu(PDF) 64 Page - STMicroelectronics

tên linh kiện STM8L101X1
Giải thích chi tiết về linh kiện  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101X1 bảng dữ liệu(HTML) 64 Page - STMicroelectronics

Back Button STM8L101X1 Datasheet HTML 60Page - STMicroelectronics STM8L101X1 Datasheet HTML 61Page - STMicroelectronics STM8L101X1 Datasheet HTML 62Page - STMicroelectronics STM8L101X1 Datasheet HTML 63Page - STMicroelectronics STM8L101X1 Datasheet HTML 64Page - STMicroelectronics STM8L101X1 Datasheet HTML 65Page - STMicroelectronics STM8L101X1 Datasheet HTML 66Page - STMicroelectronics STM8L101X1 Datasheet HTML 67Page - STMicroelectronics STM8L101X1 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
Package information
STM8L101x1 STM8L101x2 STM8L101x3
64/88
DocID15275 Rev 16
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
10.1
UFQFPN32 package information
Figure 37. UFQFPN32 - 32-lead ultra thin fine pitch quad flat no-lead package outline
(5 x 5)
1. Drawing is not to scale.
2. All leads/pads should be soldered to the PCB to improve the lead/pad solder joint life.
3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and
solder this back-side pad to PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88