| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72345C4 bảng dữ liệu(PDF) 240 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72345C4 bảng dữ liệu(HTML) 240 Page - STMicroelectronics |
|
240 / 247 page ![]() Known limitations ST72344xx, ST2345xx 240/247 Doc ID 12321 Rev 6 LD Y,A; store the level after writing to PxOR/PxDDR LD A,X; check for falling edge cp A,#02 jrne OUT TNZ Y jrne OUT LD A,sema; check the semaphore status if edge is detected CP A,#01 jrne OUT call call_routine; call the interrupt routine OUT:LD A,#00 LD sema,A .call_routine; entry to call_routine PUSH A PUSH X PUSH CC .ext1_rt; entry to interrupt routine LD A,#00 LD sema,A IRET Case 2: Writing to PxOR or PxDDR with global interrupts disabled: SIM; set the interrupt mask LD A,PFDR AND A,#$02 LD X,A; store the level before writing to PxOR/PxDDR LD A,#$90 LD PFDDR,A; Write into PFDDR LD A,#$ff LD PFOR,A; Write to PFOR LD A,PFDR AND A,#$02 LD Y,A; store the level after writing to PxOR/PxDDR LD A,X; check for falling edge cp A,#$02 jrne OUT TNZ Y jrne OUT LD A,#$01 LD sema,A; set the semaphore to '1' if edge is detected RIM; reset the interrupt mask LD A,sema; check the semaphore status CP A,#$01 jrne OUT call call_routine; call the interrupt routine RIM |