| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72345C4 bảng dữ liệu(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72345C4 bảng dữ liệu(HTML) 57 Page - STMicroelectronics |
|
57 / 247 page ![]() ST72344xx, ST2345xx Interrupts Doc ID 12321 Rev 6 57/247 Figure 23. Nested interrupt management 8.5 Interrupt register description 8.5.1 CPU CC register interrupt bits Reset value: 111x 1010 (xAh) Bits 5, 3 = I1, I0 Software interrupt priority These two bits indicate the current interrupt software priority. These two bits are set/cleared by hardware when entering in interrupt. The loaded value is given by the corresponding bits in the interrupt software priority registers (ISPRx). They can be also set/cleared by software with the RIM, SIM, HALT, WFI, IRET and PUSH/POP instructions (see Table 16: Dedicated interrupt instruction set). MAIN IT2 TRAP MAIN IT0 3 2 1 3 3 3/0 3 11 00 01 11 11 11 RIM IT1 IT4 IT4 IT1 IT2 IT3 I1 I0 11 / 10 10 SOFTWARE PRIORITY LEVEL 7 0 11 I1 H I0 N Z C Read/Write Table 14. Interrupt software priority Priority Level I1 I0 Level 0 (main) Low High 10 Level 1 0 1 Level 2 0 0 Level 3 (= interrupt disable(1)) 1. TRAP and reset events can interrupt a level 3 program. 11 |