công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72321R9-Auto bảng dữ liệu(PDF) 40 Page - STMicroelectronics

tên linh kiện ST72321R9-Auto
Giải thích chi tiết về linh kiện  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R9-Auto bảng dữ liệu(HTML) 40 Page - STMicroelectronics

Back Button ST72321R9-Auto Datasheet HTML 36Page - STMicroelectronics ST72321R9-Auto Datasheet HTML 37Page - STMicroelectronics ST72321R9-Auto Datasheet HTML 38Page - STMicroelectronics ST72321R9-Auto Datasheet HTML 39Page - STMicroelectronics ST72321R9-Auto Datasheet HTML 40Page - STMicroelectronics ST72321R9-Auto Datasheet HTML 41Page - STMicroelectronics ST72321R9-Auto Datasheet HTML 42Page - STMicroelectronics ST72321R9-Auto Datasheet HTML 43Page - STMicroelectronics ST72321R9-Auto Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 243 page
background image
Supply, reset and clock management
ST72321xx-Auto
40/243
Doc ID 13829 Rev 1
6.5
Reset sequence manager (RSM)
6.5.1
Introduction
The reset sequence manager includes three RESET sources as shown in Figure 11:
●
External RESET source pulse
●
Internal LVD RESET (low voltage detection)
●
Internal WATCHDOG RESET
These sources act on the RESET pin and it is always kept low during the delay phase.
The RESET service routine vector is fixed at addresses FFFEh-FFFFh in the ST7 memory
map.
The basic RESET sequence consists of three phases as shown in Figure 12:
●
Active phase depending on the RESET source
●
256 or 4096 CPU clock cycle delay (selected by option byte)
●
RESET vector fetch
Caution:
When the ST7 is unprogrammed or fully erased, the Flash is blank and the RESET vector is
not programmed. For this reason, it is recommended to keep the RESET pin in low state
until programming mode is entered, in order to avoid unwanted behavior.
The 256 or 4096 CPU clock cycle delay allows the oscillator to stabilize and ensures that
recovery has taken place from the Reset state. The shorter or longer clock cycle delay
should be selected by option byte to correspond to the stabilization time of the external
oscillator used in the application (see Section 21.1.1: Flash configuration on page 223).
The RESET vector fetch phase duration is 2 clock cycles.
Figure 11.
Reset block diagram
RESET
RON
VDD
WATCHDOG RESET
LVD RESET
INTERNAL
RESET
PULSE
GENERATOR
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More