công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72321AR7-Auto bảng dữ liệu(PDF) 56 Page - STMicroelectronics

tên linh kiện ST72321AR7-Auto
Giải thích chi tiết về linh kiện  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR7-Auto bảng dữ liệu(HTML) 56 Page - STMicroelectronics

Back Button ST72321AR7-Auto Datasheet HTML 52Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 53Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 54Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 55Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 56Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 57Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 58Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 59Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 243 page
background image
Interrupts
ST72321xx-Auto
56/243
Doc ID 13829 Rev 1
Table 20.
Interrupt mapping
No.
Source
block
Description
Register
label
Priority
order
Exit
from
Halt (1)
Address
vector
RESET
Reset
N/A
yes
FFFEh-FFFFh
TRAP
Software interrupt
no
FFFCh-FFFDh
0
TLI
External top level interrupt
EICR
yes
FFFAh-FFFBh
1
MCC/RTC Main clock controller time base interrupt
MCCSR
Higher
priority
yes
FFF8h-FFF9h
2
ei0
External interrupt port A3..0
N/A
yes
FFF6h-FFF7h
3
ei1
External interrupt port F2..0
yes
FFF4h-FFF5h
4
ei2
External interrupt port B3..0
yes
FFF2h-FFF3h
5
ei3
External interrupt port B7..4
yes
FFF0h-FFF1h
6
Not used
FFEEh-FFEFh
7
SPI
SPI peripheral interrupts
SPICSR
yes(2)
FFECh-FFEDh
8
TIMER A
TIMER A peripheral interrupts
TASR
no
FFEAh-FFEBh
9
TIMER B
TIMER B peripheral interrupts
TBSR
no
FFE8h-FFE9h
10
SCI
SCI peripheral interrupts
SCISR
Lower
priority
no
FFE6h-FFE7h
11
AVD
Auxiliary voltage detector interrupt
SICSR
no
FFE4h-FFE5h
12
I2C
I2C peripheral interrupts
(see
peripheral)
no
FFE2h-FFE3h
13
PWM ART
PWM ART interrupt
ARTCSR
yes(3)
FFE0h-FFE1h
1.
In Flash devices only a RESET or MCC/RTC interrupt can be used to wake-up from Active Halt mode.
2.
Exit from HALT possible when SPI is in slave mode.
3.
Exit from HALT possible when PWM ART is in external clock mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com