| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72321R6-Auto bảng dữ liệu(PDF) 232 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321R6-Auto bảng dữ liệu(HTML) 232 Page - STMicroelectronics |
|
232 / 243 page ![]() Device configuration and ordering information ST72321xx-Auto 232/243 Doc ID 13829 Rev 1 21.3.5 Socket and emulator adapter information For information on the type of socket that is supplied with the emulator, refer to the suggested list of sockets in Table 145. Note: Before designing the board layout, it is recommended to check the overall dimensions of the socket as they may be greater than the dimensions of the device. For footprint and other mechanical information about these sockets and adapters, refer to the manufacturer’s datasheet. Related documentation ST7 Visual Develop Software Key Debugging Features (AN 978) ST7 Visual Develop for ST7 Cosmic C toolset users (AN 1938) ST7 Visual Develop for ST7 Assembler Linker toolset users (AN 1940) Table 144. STMicroelectronics development tools Supported products Emulation Programming ST7 DVP3 series ST7 EMU3 series ICC socket board Emulator Connection kit Emulator Active probe and T.E.B. ST72521M, ST72F521M ST7MDT20- DVP3 ST7MDT20- T80/DVP ST7MDT20M- EMU3 ST7MDT20M- TEB ST7SB20M/xx(1) ST72521R, ST72F521R ST7MDT20- T64/DVP ST72521AR, ST72F521AR ST7MDT20- T6A/DVP ST72321AR, ST72F321AR ST7MDT20- DVP3 ST7MDT20- T6A/DVP ST7MDT20M- EMU3 ST7MDT20M- TEB ST7SB20M/xx(2) ST72321R, ST72F321R ST7MDT20- T64/DVP ST72321J, ST72F321J ST7MDT20- T44/DVP ST7MDT20J- EMU3 ST7MDT20J- TEB ST7SB20J/xx(2) 1. Add suffix /EU, /UK, /US for the power supply of your region. 2. Add suffix /EU, /UK, /US for the power supply of your region. Table 145. Suggested list of socket types Device Socket (supplied with ST7MDT20M-EMU3) Emulator adapter (supplied with ST7MDT20M-EMU3) LQFP80 14 X 14 YAMAICHI IC149-080-*51-*5 YAMAICHI ICP-080-7 LQFP64 14 x14 CAB 3303262 CAB 3303351 LQFP64 10 x10 YAMAICHI IC149-064-*75-*5 YAMAICHI ICP-064-6 LQFP44 10 x10 YAMAICHI IC149-044-*52-*5 YAMAICHI ICP-044-5 |