| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72321R6-Auto bảng dữ liệu(PDF) 155 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321R6-Auto bảng dữ liệu(HTML) 155 Page - STMicroelectronics |
|
155 / 243 page ![]() ST72321xx-Auto I2C bus interface (I2C) Doc ID 13829 Rev 1 155/243 16 I2C bus interface (I2C) 16.1 Introduction The I2C bus interface serves as an interface between the microcontroller and the serial I2C bus. It provides both multimaster and slave functions, and controls all I2C bus-specific sequencing, protocol, arbitration and timing. It supports fast I2C mode (400 kHz). 16.2 Main features ● Parallel-bus/I2C protocol converter ● Multimaster capability ● 7-bit/10-bit addressing ● SMBus V1.1 compliant ● Transmitter/Receiver flag ● End-of-byte transmission flag ● Transfer problem detection 16.2.1 I2C master features ● Clock generation ● I2C bus busy flag ● Arbitration Lost flag ● End of byte transmission flag ● Transmitter/Receiver flag ● Start bit detection flag ● Start and Stop generation 16.2.2 I2C slave features ● Stop bit detection ● I2C bus busy flag ● Detection of misplaced start or stop condition ● Programmable I2C address detection ● Transfer problem detection ● End-of-byte transmission flag ● Transmitter/Receiver flag |