| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72321R6-Auto bảng dữ liệu(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321R6-Auto bảng dữ liệu(HTML) 127 Page - STMicroelectronics |
|
127 / 243 page ![]() ST72321xx-Auto Serial peripheral interface (SPI) Doc ID 13829 Rev 1 127/243 Figure 59. Data clock timing diagram MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit CAPTURE STROBE CPHA = 1 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit CAPTURE STROBE CPHA = 0 Note: This figure should not be used as a replacement for parametric information. Refer to Section 19: Electrical characteristics. SCK (CPOL = 1) SCK (CPOL = 0) MISO (from master) MOSI (from slave) SS (to slave) SCK (CPOL = 1) SCK (CPOL = 0) MISO (from master) MOSI (from slave) SS (to slave) |