| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7262XXX bảng dữ liệu(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7262XXX bảng dữ liệu(HTML) 123 Page - STMicroelectronics |
|
123 / 139 page ![]() 123/139 Doc ID 6996 Rev 5 Figure 85. ADC Accuracy Characteristics EO EG 1LSBIDEAL 1LSB IDEAL V DDA V SSA – 1024 ----------------------------------------- = Vin (LSBIDEAL) (1) Example of an actual transfer curve (2) The ideal transfer curve (3) End point correlation line ET=Total Unadjusted Error: maximum deviation between the actual and the ideal transfer curves. EO=Offset Error: deviation between the first actual transition and the first ideal one. EG=Gain Error: deviation between the last ideal transition and the last actual one. ED=Differential Linearity Error: maximum deviation between actual steps and the ideal one. EL=Integral Linearity Error: maximum deviation between any actual transition and the end point correlation line. Digital Result ADCDR 1023 1022 1021 5 4 3 2 1 0 7 6 1 234567 1021 1022 1023 1024 (1) (2) ET ED EL (3) VDDA VSSA Obsolete Product(s) - Obsolete Product(s) |