| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7260XX bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7260XX bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 139 page ![]() ST7260xx I/O ports 39/139 Figure 20. PA1, PA2 configuration 10.2.2 Port B DR DDR LATCH LATCH DR SEL DDR SEL PAD ALTERNATE ENABLE ALTERNATE ENABLE ALTERNATE OUTPUT N-BUFFER 1 0 1 0 CMOS SCHMITT TRIGGER VSS Table 16. Port B description Port B I/O Alternate function Input(1) Output Signal Condition PB0 without pull-up push-pull PB1 without pull-up push-pull USBOE (USB output enable)(2) USBOE =1 (MISCR) PB2 without pull-up push-pull PB3 without pull-up push-pull PB4 without pull-up push-pull IT5 Schmitt triggered input IT4E = 1 (ITIFRE) PB5 without pull-up push-pull IT6 Schmitt triggered input IT5E = 1 (ITIFRE) PB6 without pull-up push-pull IT7 Schmitt triggered input IT6E = 1 (ITIFRE) |