công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10F296TR bảng dữ liệu(PDF) 51 Page - STMicroelectronics

tên linh kiện ST10F296TR
Giải thích chi tiết về linh kiện  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR bảng dữ liệu(HTML) 51 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 47Page - STMicroelectronics ST10F296TR Datasheet HTML 48Page - STMicroelectronics ST10F296TR Datasheet HTML 49Page - STMicroelectronics ST10F296TR Datasheet HTML 50Page - STMicroelectronics ST10F296TR Datasheet HTML 51Page - STMicroelectronics ST10F296TR Datasheet HTML 52Page - STMicroelectronics ST10F296TR Datasheet HTML 53Page - STMicroelectronics ST10F296TR Datasheet HTML 54Page - STMicroelectronics ST10F296TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Internal Flash memory
51/346
Flash control register 1 high (FCR1H)
The Flash control register 1 high (FCR1H) and the Flash control register 1 low (FCR1L) are
used to select the sectors to erase, or they are used, during any write operation, to monitor
the status of each sector and each bank of the module selected by the SMOD bit of the
FCR0H register. FCR1H is shown below when SMOD = 0 and when SMOD = 1.
FCR1H (0x0E 0006) SMOD = 0
FCR
Reset value: 0000h
15
14
13
12
11
10
9
8
76
5432
1
0
Reserved
B3S
B2S
Reserved
B3F1 B3F0
-
RS
RS
-RS
RS
Table 15.
FCR1H register description (SMOD = 0, XFlash selected)
BIt
Bit name
Function
15-10
-
Reserved
9-8
B[3:2]S
Bank 3-2 status (XFlash)
During any erase operation, these bits are automatically modified and
give the status of the two banks, B3-B2. The meaning of the BxS bit for
Bank x is given in Table 17. Bits B[3:2]S are automatically reset at the
end of a erase operation if no errors are detected.
7-2
-
Reserved
1-0
B3F[1:0]
Bank 3 XFlash sector 1:0 status
During any erase operation, these bits are automatically set and give
the status of the two sectors of Bank 3 (B3F1-B3F0). The meaning of
B3Fy bit for sector y of Bank 1 is given in Table 17. Bits B3F[1:0] are
automatically reset at the end of a erase operation if no errors are
detected.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com