| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F296TR bảng dữ liệu(PDF) 274 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296TR bảng dữ liệu(HTML) 274 Page - STMicroelectronics |
|
274 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Register set ST10F296E 274/346 CAN2TR2 EE82h CAN2 transmission request 2 0000h CAN2ND1 EE90h CAN2 new data 1 0000h CAN2ND2 EE92h CAN2 new data 2 0000h CAN2IP1 EEA0h CAN2 interrupt pending 1 0000h CAN2IP2 EEA2h CAN2 interrupt pending 2 0000h CAN2MV1 EEB0h CAN2 message valid 1 0000h CAN2MV2 EEB2h CAN2 message valid 2 0000h CAN1CR EF00h CAN1 CAN control register 0001h CAN1SR EF02h CAN1 status register 0000h CAN1EC EF04h CAN1 error counter 0000h CAN1BTR EF06h CAN1 bit timing register 2301h CAN1IR EF08h CAN1 interrupt register 0000h CAN1TR EF0Ah CAN1 test register 00x0h CAN1BRPER EF0Ch CAN1 BRP extension register 0000h CAN1IF1CR EF10h CAN1 IF1 command request 0001h CAN1IF1CM EF12h CAN1 IF1 command mask 0000h CAN1IF1M1 EF14h CAN1 IF1 mask 1 FFFFh CAN1IF1M2 EF16h CAN1 IF1 mask 2 FFFFh CAN1IF1A1 EF18h CAN1 IF1 arbitration 1 0000h CAN1IF1A2 EF1Ah CAN1 IF1 arbitration 2 0000h CAN1IF1MC EF1Ch CAN1 IF1 message control 0000h CAN1IF1DA1 EF1Eh CAN1 IF1 data A 1 0000h CAN1IF1DA2 EF20h CAN1 IF1 data A 2 0000h CAN1IF1DB1 EF22h CAN1 IF1 data B 1 0000h CAN1IF1DB2 EF24h CAN1 IF1 data B 2 0000h CAN1IF2CR EF40h CAN1 IF2 command request 0001h CAN1IF2CM EF42h CAN1 IF2 command mask 0000h CAN1IF2M1 EF44h CAN1 IF2 mask 1 FFFFh CAN1IF2M2 EF46h CAN1 IF2 mask 2 FFFFh CAN1IF2A1 EF48h CAN1 IF2 arbitration 1 0000h CAN1IF2A2 EF4Ah CAN1 IF2 arbitration 2 0000h CAN1IF2MC EF4Ch CAN1 IF2 message control 0000h CAN1IF2DA1 EF4Eh CAN1 IF2 data A 1 0000h CAN1IF2DA2 EF50h CAN1 IF2 data A 2 0000h Table 143. X registers ordered by address (continued) Name Physical address Description Reset value Obsolete Product(s) - Obsolete Product(s) |