| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F296TR bảng dữ liệu(PDF) 204 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296TR bảng dữ liệu(HTML) 204 Page - STMicroelectronics |
|
204 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Real-time clock (RTC) ST10F296E 204/346 Figure 71. ESFRs and port pins associated with the RTC Figure 72. RTC block diagram -- -- - - - - YYYY - - - - EXISEL register EXISEL, external interrupt source selection register, (Port 2) One second timed interrupt request (RTCSI) triggers firq[2] and alarm interrupt request (RTCAI) triggers firq[3] RTC data and control registers are implemented onto the XBus. -- -- - - - - YYYY YYYY CCxIC register /64 RTCPL RTCPH RTCDH RTCDL RTCAH RTCAL Main Reload = Programmable 20-bit divider 32-bit counter RTCCON Alarm IT Basic clock IT RTCAI RTCSI OSC_STOP clock oscillator Programmable alarm register Programmable prescaler register RTCH RTCL Obsolete Product(s) - Obsolete Product(s) |