| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F296TR bảng dữ liệu(PDF) 167 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296TR bảng dữ liệu(HTML) 167 Page - STMicroelectronics |
|
167 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) ST10F296E Parallel ports 167/346 Figure 58. Block diagram of pin P8.6 P8.6 Open-drain latch Write ODP8.6 Read ODP8.6 Direction latch Write DP8.6 Read DP8.6 Port output latch Write P8.6 Read P8.6 MUX 1 0 MUX 1 0 Open-drain latch Write XODP8.6 Read XODP8.6 Direction latch Write XDP8.6 Read XDP8.6 Port output latch Write XP8.6 Read XP8.6 Output buffer Input latch Clock XPERCON.7 (XASCEN) CC22IO data input & MUX 0 1 MUX 0 1 MUX 1 0 ≥ 1 CC22IO data output Compare trigger CC22IO latch data input RxD1 data input RxD1 data output Obsolete Product(s) - Obsolete Product(s) |