| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F296 bảng dữ liệu(PDF) 337 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296 bảng dữ liệu(HTML) 337 Page - STMicroelectronics |
|
337 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) ST10F296E Electrical characteristics 337/346 Figure 118. External bus arbitration (regaining the bus) 1. This is the last chance for BREQ to trigger the indicated regain sequence. Even if BREQ is activated earlier, the regain sequence is initiated by HOLD going high. Note that HOLD may also be deactivated without the ST10F296E requesting the bus. 2. The next ST10F296E driven bus cycle may start here. t 65 t 62 t 62 t 67 t 62 t 61 t 63 (1) (2) HLDA HOLD CLKOUT BREQ CSx (on P6.x) Other signals Obsolete Product(s) - Obsolete Product(s) |