| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F296 bảng dữ liệu(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296 bảng dữ liệu(HTML) 58 Page - STMicroelectronics |
|
58 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Internal Flash memory ST10F296E 58/346 Flash non-volatile write protection X register high (FNVWPXRH) Flash non-volatile write protection I register low (FNVWPIRL) Flash non-volatile write protection I register high (FNVWPIRH) FNVWPXRH (0x0E DFB2) NVR Delivery value: FFFFh 15 14 13 12 11 10 98765432 1 0 Reserved W3P1 W3P0 -RW RW Table 27. FNVWPXRH register description Bit Bit name Function 15-2 - Reserved 1-0 W3P[1:0] Write protection Bank 3/sectors 1-0 (XFlash) These bits, if programmed at 0, disable any write access to the sectors of Bank 3 (XFlash). FNVWPIRL (0x0E DFB4) NVR Delivery value: FFFFh 15 14 13 12 11 10 98765 43210 Reserved W0P 9 W0P 8 W0P 7 W0P 6 W0P 5 W0P 4 W0P 3 W0P 2 W0P 1 W0P 0 - RW RW RW RW RW RW RW RW RW RW Table 28. FNVWPIRL register description Bit Bit name Function 15-10 - Reserved 9-0 W0P[9:0] Write protection Bank 0/sectors 9-0 (IFlash) These bits, if programmed at 0, disable any write access to the sectors of Bank 0 (IFlash). FNVWPIRH (0x0E DFB6) NVR Delivery value: FFFFh 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved W1P1 W1P0 -RW RW Table 29. FNVWPIRH register description Bit Bit name Function 15-2 - Reserved 1-0 W1P[1:0] Write protection Bank 1/sectors 1-0 (IFlash) These bits, if programmed at 0, disable any write access to the sectors of Bank 1 (IFlash). Obsolete Product(s) - Obsolete Product(s) |