| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F296 bảng dữ liệu(PDF) 158 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296 bảng dữ liệu(HTML) 158 Page - STMicroelectronics |
|
158 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Parallel ports ST10F296E 158/346 Figure 52. Block diagram of pins P6.2, P6.3, and P6.4 MUX 1 0 P6.y Open-drain latch Write ODP6.y Read ODP6.y Direction latch Write DP6.y Read DP6.y Port output latch Write P6.y Read P6.y MUX 1 0 MUX 1 0 MUX 1 0 Alternate data output MUX 1 0 1 0 Open-drain latch Write XODP6.y Read XODP6.y Direction latch Write XDP6.y Read XDP6.y Port output latch Write XP6.y Read XP6.y & XSSC data output Output buffer MUX 0 1 MUX 0 1 Input latch Clock XPERCON.8 (XSSCEN) XSSC data input (y = 2, 3, 4) Alternate function enable Obsolete Product(s) - Obsolete Product(s) |