| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F296 bảng dữ liệu(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296 bảng dữ liệu(HTML) 104 Page - STMicroelectronics |
|
104 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Interrupt system ST10F296E 104/346 Table 48 summarizes the mapping of the different interrupt sources which share the four XInterrupt vectors. Table 48. XInterrupt detailed mapping Source XP0INT XP1INT XP2INT XP3INT CAN1 interrupt x x CAN2 interrupt x x I2C receive x x x I2C transmit x x x I2C error x SSC1 receive x x x SSC1 transmit x x x SSC1 error x ASC1 receive x x x ASC1 transmit x x x ASC1 transmit buffer x x x ASC1 error x PLL unlock/OWD x PWM1 channel 3...0 x x Obsolete Product(s) - Obsolete Product(s) |